| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F526 bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F526 bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 122 page ![]() PIC16F526 DS41326D-page 40 2010 Microchip Technology Inc. 7.2 Prescaler An 8-bit counter is available as a prescaler for the Timer0 module or as a postscaler for the Watchdog Timer (WDT), respectively (see Section 8.6 “Watch- dog Timer (WDT)”). For simplicity, this counter is being referred to as “prescaler” throughout this data sheet. The PSA and PS<2:0> bits of the OPTION register determine prescaler assignment and prescale ratio. When assigned to the Timer0 module, all instructions writing to the TMR0 register (e.g., CLRF TMR0, MOVWF TMR0, etc.) will clear the prescaler. When assigned to WDT, a CLRWDT instruction will clear the prescaler along with the WDT. The prescaler is neither readable nor writable. On a Reset, the prescaler contains all ‘0’s. 7.2.1 SWITCHING PRESCALER ASSIGNMENT The prescaler assignment is fully under software control (i.e., it can be changed “on-the-fly” during program execution). To avoid an unintended device Reset, the following instruction sequence (Example 7- 1) must be executed when changing the prescaler assignment from Timer0 to the WDT. EXAMPLE 7-1: CHANGING PRESCALER (TIMER0 WDT) To change the prescaler from the WDT to the Timer0 module, use the sequence shown in Example 7-2. This sequence must be used even if the WDT is disabled. A CLRWDT instruction should be executed before switching the prescaler. EXAMPLE 7-2: CHANGING PRESCALER (WDT TIMER0) Note: The prescaler may be used by either the Timer0 module or the WDT, but not both. Thus, a prescaler assignment for the Timer0 module means that there is no prescaler for the WDT and vice versa. CLRWDT ;Clear WDT CLRF TMR0 ;Clear TMR0 & Prescaler MOVLW b'00xx1111' CLRWDT ;PS<2:0> are 000 or 001 MOVLW b'00xx1xxx' ;Set Postscaler to OPTION ;desired WDT rate CLRWDT ;Clear WDT and ;prescaler MOVLW b'xxxx0xxx' ;Select TMR0, new ;prescale value and ;clock source OPTION |