| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F629-E/P bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F629-E/P bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 136 page ![]() PIC12F629/675 DS41190G-page 38 2010 Microchip Technology Inc. 6.1 Comparator Operation A single comparator is shown in Figure 6-1, along with the relationship between the analog input levels and the digital output. When the analog input at VIN+ is less than the analog input VIN-, the output of the comparator is a digital low level. When the analog input at VIN+ is greater than the analog input VIN-, the output of the comparator is a digital high level. The shaded areas of the output of the comparator in Figure 6-1 represent the uncertainty due to input offsets and response time. The polarity of the comparator output can be inverted by setting the CINV bit (CMCON<4>). Clearing CINV results in a non-inverted output. A complete table showing the output state versus input conditions and the polarity bit is shown in Table 6-1. TABLE 6-1: OUTPUT STATE VS. INPUT CONDITIONS FIGURE 6-1: SINGLE COMPARATOR Note: To use CIN+ and CIN- pins as analog inputs, the appropriate bits must be programmed in the CMCON (19h) register. Input Conditions CINV COUT VIN- > VIN+ 00 VIN- < VIN+ 01 VIN- > VIN+ 11 VIN- < VIN+ 10 Output VIN- VIN+ Output + – VIN+ VIN- Note: CINV bit (CMCON<4>) is clear. |