công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4902T-E/SL bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện MCP4902T-E/SL
Giải thích chi tiết về linh kiện  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/SL bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button MCP4902T-E/SL Datasheet HTML 19Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 20Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 21Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 22Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 23Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 24Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 25Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 26Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 23
MCP4902/4912/4922
5.0
SERIAL INTERFACE
5.1
Overview
The MCP4902/4912/4922 devices are designed to
interface directly with the Serial Peripheral Interface
(SPI) port, which is available on many microcontrollers
and supports Mode 0,0 and Mode 1,1. Commands and
data are sent to the device via the SDI pin, with data
being clocked-in on the rising edge of SCK. The
communications are unidirectional, thus the data
cannot be read out of the MCP4902/4912/4922. The
CS pin must be held low for the duration of a write
command. The write command consists of 16 bits and
is used to configure the DAC’s control and data latches.
Register 5-1 to Register 5-3 detail the input register
that is used to configure and load the DACA and DACB
registers for each device. Figure 5-1 to Figure 5-3
show the write command for each device.
Refer to Figure 1-1 and SPI Timing Specifications
Table for detailed input and output timing specifications
for both Mode 0,0 and Mode 1,1 operation.
5.2
Write Command
The write command is initiated by driving the CS pin
low, followed by clocking the four Configuration bits and
the 12 data bits into the SDI pin on the rising edge of
SCK. The CS pin is then raised, causing the data to be
latched into the selected DAC’s input registers. The
MCP4902/4912/4922 utilizes a double-buffered latch
structure to allow both DACA’s and DACB’s outputs to
be synchronized with the LDAC pin, if desired. Upon
the LDAC pin achieving a low state, the values held in
the DAC’s input registers are transferred into the DAC’s
output registers. The outputs will transition to the value
and held in the DACX register.
All writes to the MCP4902/4912/4922 are 16-bit words.
Any clocks past the 16th clock will be ignored. The
Most Significant 4 bits are Configuration bits. The
remaining 12 bits are data bits. No data can be
transferred into the device with CS high. This transfer
will only occur if 16 clocks have been transferred into
the device. If the rising edge of CS occurs prior to that,
shifting of data into the input registers will be aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48