| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
11LC010-ICS16K bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
11LC010-ICS16K bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 44 page ![]() 2010 Microchip Technology Inc. Preliminary DS22067H-page 23 11AAXXX/11LCXXX 3-Lead SOT-23 XXNN Example: B517 3-Lead SOT-23 Package Marking (Pb-Free) Device I-Temp Marking Device I-Temp Marking E-Temp Marking 11AA010 B1NN 11LC010 M1NN N1NN 11AA020 B2NN 11LC020 M2NN N2NN 11AA040 B3NN 11LC040 M3NN N3NN 11AA080 B4NN 11LC080 M4NN N4NN 11AA160 B5NN 11LC160 M5NN N5NN 11AA161 B0NN 11LC161 M0NN N0NN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |