| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4902-E/SL bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4902-E/SL bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 48 page ![]() 2010 Microchip Technology Inc. DS22250A-page 37 MCP4902/4912/4922 8.0 PACKAGING INFORMATION 8.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead PDIP (300 mil) Example: 14-Lead TSSOP Example: 14-Lead SOIC (150 mil) Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXX YYWWNNN XXXXXX YYWW NNN MCP4922 1011256 4922E/ST 1011 256 XXXXXXXXXX MCP4922 1011256 3 e E/P 3 e E/SL |