| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F629 bảng dữ liệu(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F629 bảng dữ liệu(HTML) 73 Page - Microchip Technology |
|
73 / 136 page ![]() 2010 Microchip Technology Inc. DS41190G-page 73 PIC12F629/675 10.2 Instruction Descriptions ADDLW Add Literal and W Syntax: [label] ADDLW k Operands: 0 k 255 Operation: (W) + k (W) Status Affected: C, DC, Z Description: The contents of the W register are added to the eight-bit literal ‘k’ and the result is placed in the W register. ADDWF Add W and f Syntax: [label] ADDWF f,d Operands: 0 f 127 d Operation: (W) + (f) (destination) Status Affected: C, DC, Z Description: Add the contents of the W register with register ‘f’. If ‘d’ is 0, the result is stored in the W register. If ‘d’ is 1, the result is stored back in register ‘f’. ANDLW AND Literal with W Syntax: [label] ANDLW k Operands: 0 k 255 Operation: (W) .AND. (k) (W) Status Affected: Z Description: The contents of W register are AND’ed with the eight-bit literal ‘k’. The result is placed in the W register. ANDWF AND W with f Syntax: [label] ANDWF f,d Operands: 0 f 127 d Operation: (W) .AND. (f) (destination) Status Affected: Z Description: AND the W register with register ‘f’. If ‘d’ is 0, the result is stored in the W register. If ‘d’ is 1, the result is stored back in register ‘f’. BCF Bit Clear f Syntax: [label] BCF f,b Operands: 0 f 127 0 b 7 Operation: 0 (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is cleared. BSF Bit Set f Syntax: [label] BSF f,b Operands: 0 f 127 0 b 7 Operation: 1 (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is set. BTFSS Bit Test f, Skip if Set Syntax: [label] BTFSS f,b Operands: 0 f 127 0 b < 7 Operation: skip if (f<b>) = 1 Status Affected: None Description: If bit ‘b’ in register ‘f’ is ‘0’, the next instruction is executed. If bit ‘b’ is ‘1’, then the next instruction is discarded and a NOP is executed instead, making this a 2TCY instruction. |