| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4332-103E/ST bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4332-103E/ST bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 88 page ![]() MCP433X/435X DS22242A-page 32 2010 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-76: 100 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 5.5V, IW = 45 µA). FIGURE 2-77: 100 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 3.0V, IW = 24 µA). FIGURE 2-78: 100 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 1.8V, IW = 15 µA). FIGURE 2-79: 100 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 5.5V, IW = 45 µA). FIGURE 2-80: 100 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 3.0V, IW = 24 µA). FIGURE 2-81: 100 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 1.8V, IW = 15 µA). -1.00% 0.00% 1.00% 2.00% 3.00% 4.00% 5.00% 6.00% 7.00% 8.00% 9.00% 10.00% 11.00% 12.00% 13.00% 14.00% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -1.00% 0.00% 1.00% 2.00% 3.00% 4.00% 5.00% 6.00% 7.00% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -1.00% 0.00% 1.00% 2.00% 3.00% 4.00% 5.00% 6.00% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. 0 2 4 6 8 10 12 14 16 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 0 2 4 6 8 10 12 14 16 18 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 -1200 -1000 -800 -600 -400 -200 0 200 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |