| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4331T-104E/ML bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-104E/ML bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 19 MCP433X/435X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-11: 5k – Nominal Resistance (RAB) () vs. Ambient Temperature and VDD. FIGURE 2-12: 5k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 5.5V, IW = 190 µA). FIGURE 2-13: 5k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 3.0V, IW = 190 µA). FIGURE 2-14: 5k – RWB () vs. Wiper Setting and Ambient Temperature (VDD = 1.8V, IW = 190 µA). 5050 5100 5150 5200 5250 5300 -40 0 40 80 120 Ambient Temperature (°C) 2.7V 5.5V 1.8V 0 1000 2000 3000 4000 5000 6000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C 0 1000 2000 3000 4000 5000 6000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C 0 1000 2000 3000 4000 5000 6000 7000 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |