| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC512-E/SM bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC512-E/SM bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 36 page ![]() 2010 Microchip Technology Inc. DS21754M-page 29 24AA512/24LC512/24FC512 APPENDIX A: REVISION HISTORY Revision D Correction to Section 1.0, Electrical Characteristics. Revision E Correction to Section 1.0., Ambient Temperature Correction to Section 6.2, Page Write Revision F Add E3 (Pb-free) to marking examples. Updated Marking Legend and On-line Support. Revision G Revised Sections 2.1, 2.4 and 6.3. Revision H Revised Features section; Revised 1.8V voltage to 1.7V; Replaced Package Drawings; Revised Product ID System; Removed 14 Lead TSSOP. Revision J Revised Table 1-2, AC Characteristics; Updated Packaging. Revision K (06/2009) Removed CMOS from title; Revised Table 1-2, Para. 18; Added SOIC and TSSOP packaging; Updated Pin Descriptions; Updated Product ID. Revision L (12/2009) Added note to Section 6.1. Revision M (03/2010) Added 8-Lead Chip Scale package. |