| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
11LC010-ITO bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
11LC010-ITO bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 44 page ![]() 2010 Microchip Technology Inc. Preliminary DS22067H-page 21 11AAXXX/11LCXXX 3 e 8-Lead MSOP (150 mil) Example: XXXXXXT YWWNNN 11A01I 8281L7 8-Lead MSOP Package Marking (Pb-Free) Device Line 1 Marking Device Line 1 Marking 11AA010 11A01T 11LC010 11L01T 11AA020 11A02T 11LC020 11L02T 11AA040 11A04T 11LC040 11L04T 11AA080 11A08T 11LC080 11L08T 11AA160 11AAT 11LC160 11LAT 11AA161 11AA1T 11LC161 11LA1T Note: T = Temperature Grade (I, E) Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |