công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR1020-I/SS bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện AR1020-I/SS
Giải thích chi tiết về linh kiện  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/SS bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button AR1020-I/SS Datasheet HTML 14Page - Microchip Technology AR1020-I/SS Datasheet HTML 15Page - Microchip Technology AR1020-I/SS Datasheet HTML 16Page - Microchip Technology AR1020-I/SS Datasheet HTML 17Page - Microchip Technology AR1020-I/SS Datasheet HTML 18Page - Microchip Technology AR1020-I/SS Datasheet HTML 19Page - Microchip Technology AR1020-I/SS Datasheet HTML 20Page - Microchip Technology AR1020-I/SS Datasheet HTML 21Page - Microchip Technology AR1020-I/SS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
DS41393A-Page 14
© 2009 Microchip Technology, Inc.
7.12.8 SleepDelay Register (offset 0x0A)
The SleepDelay register sets the time duration with no touch or command activity that will cause the controller to
enter a low power sleep mode. Valid values are as follows.
0 ≤ SleepDelay ≤ 255
Sleep Delay Time = SleepDelay * 100ms
A value of zero disables the Sleep Mode, such that the controller will never enter low power sleep mode.
A touch event will wake the controller from low power sleep mode and start sending touch reports.
Communications sent to the controller will wake it from the low power sleep mode and initiate action to the
command.
7.12.9 PenUpDelay Register (offset 0x0B)
The PenUpDelay register sets the duration of a pen up event that the controller will allow, without sending a pen
up report for the event. The delay time is started upon detecting a pen up condition. If a pen down is
reestablished before the delay time expires, then pen down reports will continue without a pen up being sent.
This effectively debounces a touch event in process.
A lower value will make the controller more responsive to pen ups, but will cause more touch drop outs with a
lighter touch. A higher value will make the controller less responsive to pen ups, but will reduce the number of
touch drop outs wit a lighter touch. Valid values are as follows.
0 ≤ PenUpDelay ≤ 255
Pen Up Delay Time ≈ PenUpDelay * 240μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37