công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25LC512-I/SM bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện 25LC512-I/SM
Giải thích chi tiết về linh kiện  512 Kbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512-I/SM bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button 25LC512-I/SM Datasheet HTML 14Page - Microchip Technology 25LC512-I/SM Datasheet HTML 15Page - Microchip Technology 25LC512-I/SM Datasheet HTML 16Page - Microchip Technology 25LC512-I/SM Datasheet HTML 17Page - Microchip Technology 25LC512-I/SM Datasheet HTML 18Page - Microchip Technology 25LC512-I/SM Datasheet HTML 19Page - Microchip Technology 25LC512-I/SM Datasheet HTML 20Page - Microchip Technology 25LC512-I/SM Datasheet HTML 21Page - Microchip Technology 25LC512-I/SM Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
25LC512
DS22065C-page 18
 2010 Microchip Technology Inc.
2.12
RELEASE FROM DEEP
POWER-DOWN AND READ
ELECTRONIC SIGNATURE
Once the device has entered Deep Power-Down
mode all instructions are ignored except the Release
from Deep Power-down and Read Electronic Signa-
ture command. This command can also be used when
the device is not in Deep power-down to read the
electronic signature out on the SO pin unless another
command is being executed such as Erase, Program
or Write Status Register.
Release from Deep Power-Down mode and Read
Electronic Signature is entered by driving CS low,
followed by the RDID instruction code (Figure 2-12)
and then a dummy address of 16 bits (A15-A0). After
the last bit of the dummy address is clock in, the 8-bit
Electronic Signature is clocked out on the SO pin.
After the signature has been read out at least once,
the sequence can be terminated by driving CS high.
The device will then return to Standby mode and will
wait to be selected so it can be given new instructions.
If additional clock cycles are sent after the electronic
signature has been read once, it will continue to output
the signature on the SO line until the sequence is
terminated.
FIGURE 2-12:
RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE
Driving CS high after the 8-bit RDID command but before the Electronic Signature has been transmitted will still ensure
the device will be taken out of Deep Power-Down mode. However, there is a delay TREL that occurs before the device
returns to Standby mode (ICCS), as shown in Figure 2-13.
FIGURE 2-13:
RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE
SO
SI
SCK
CS
0
234
567
1
01
1
0
1
0
11
Instruction
High-Impedance
TREL
SO
SI
SCK
CS
0
23456789 10 11
21 22 23 24 25 26 27 28 29 30 31
1
01
1
0
1
0
11
15 14 13 12
210
7654
3210
Instruction
16-bit Address
Electronic Signature Out
High-Impedance
0
101001
0
Manufacturer’s ID = 0x29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36