| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25AA1024-I/P bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA1024-I/P bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 34 page ![]() 2010 Microchip Technology Inc. DS21836H-page 27 25AA1024 APPENDIX A: REVISION HISTORY Revision C (02/2007) Revised Features Section (Self-timed Erase and Write Cycles); Revised Table 1-1 (Param. D012 and D13); Table 1-2 (Param. 20-24); Revised Package Marking Information; Replaced Package Drawings; Revised Product ID System Section (SM package). Changed PICmicro to PIC. Revision D (07/2007) Revised Features; Revised Tables 1-1 and 1-2 (added Industrial temp. and revised parameters 22-23); Replaced Package Drawings (Rev. AP); Revised Product ID System; Changed Flash to EEPROM. Revision E (10/2007) Removed 25LC1024 part number; New data sheet created for 25LC1024 (DS22064); Revised Tables; Updates throughout. Revision F (5/2008) Modified parameter D006 in Table 1-1; Revised Package Marking Information; Replaced Package Drawings. Revision G (01/2010) Added 8-Lead (MF) DFN-S Land Pattern; Replaced 8-Lead (SM) SOIJ Land Pattern. Revision H (05/10) Revised Table 1-2, Param. No 25 Conditions; Revised Section 2.2, added note. |