công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25AA512 bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện 25AA512
Giải thích chi tiết về linh kiện  512 Kbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA512 bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button 25AA512 Datasheet HTML 17Page - Microchip Technology 25AA512 Datasheet HTML 18Page - Microchip Technology 25AA512 Datasheet HTML 19Page - Microchip Technology 25AA512 Datasheet HTML 20Page - Microchip Technology 25AA512 Datasheet HTML 21Page - Microchip Technology 25AA512 Datasheet HTML 22Page - Microchip Technology 25AA512 Datasheet HTML 23Page - Microchip Technology 25AA512 Datasheet HTML 24Page - Microchip Technology 25AA512 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2010 Microchip Technology Inc.
DS22021F-page 21
25AA512
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
I/P
1L7
25AA512
0728
Example:
Example:
SN
0728
25AA512I
1L7
8-Lead DFN
Example
:
XXXXXXX
T/XXXXX
YYWW
25AA512
I/MF
0728
1L7
NNN
Legend: XX...X
Part number or part number code
T
Temperature (I)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
8-Lead SOIJ
T/XXXXXX
XXXXXXXX
YYWWNNN
Example:
I/SM
25AA512
3
e
3
e
07281L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36