| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8308CVMAFDA bảng dữ liệu(PDF) 64 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMAFDA bảng dữ liệu(HTML) 64 Page - Freescale Semiconductor, Inc |
|
64 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0 64 Freescale Semiconductor Package and Pin Listings 2. Dimensions and tolerances per ASME Y14.5M-1994. 3. Maximum solder ball diameter measured parallel to datum A. 4. Datum A, the seating plane, is determined by the spherical crowns of the solder balls. 20.3 Pinout Listings Table 53 provides the pin-out listing for the MPC8308, MAPBGA package. Table 53. MPC8308 Pinout Listing Signal Package Pin Number Pin Type Power Supply Notes DDR Memory Controller Interface MEMC_MDQ[0] V6 I/O GVDDA — MEMC_MDQ[1] Y4 I/O GVDDA — MEMC_MDQ[2] AB3 I/O GVDDA — MEMC_MDQ[3] AA3 I/O GVDDA — MEMC_MDQ[4] AA2 I/O GVDDA — MEMC_MDQ[5] AA1 I/O GVDDA — MEMC_MDQ[6] W4 I/O GVDDA — MEMC_MDQ[7] Y2 I/O GVDDA — MEMC_MDQ[8] W3 I/O GVDDA — MEMC_MDQ[9] W1 I/O GVDDA — MEMC_MDQ[10] Y1 I/O GVDDA — MEMC_MDQ[11] W2 I/O GVDDA — MEMC_MDQ[12] U4 I/O GVDDA — MEMC_MDQ[13] U3 I/O GVDDA — MEMC_MDQ[14] V4 I/O GVDDA — MEMC_MDQ[15] U6 I/O GVDDA — MEMC_MDQ[16] T3 I/O GVDDB — MEMC_MDQ[17] T2 I/O GVDDB — MEMC_MDQ[18] R4 I/O GVDDB — MEMC_MDQ[19] R3 I/O GVDDB — MEMC_MDQ[20] P4 I/O GVDDB — MEMC_MDQ[21] N6 I/O GVDDB — MEMC_MDQ[22] P2 I/O GVDDB — MEMC_MDQ[23] P1 I/O GVDDB — MEMC_MDQ[24] N4 I/O GVDDB — MEMC_MDQ[25] N3 I/O GVDDB — MEMC_MDQ[26] N2 I/O GVDDB — |