| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT86B50 bảng dữ liệu(PDF) 41 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B50 bảng dữ liệu(HTML) 41 Page - Holtek Semiconductor Inc |
|
41 / 83 page ![]() HT86BXX/HT86BRXX Rev. 1.80 41 March 12, 2010 Interrupts Interrupts are an important part of any microcontroller system. When an external event or an internal function such as a Timer requires microcontroller attention, their corresponding interrupt will enforce a temporary sus- pension of the main program allowing the microcontroller to direct attention to their respective needs. Each device contains a single external interrupt and three or four internal timer interrupt functions. The external interrupt is controlled by the action of the exter- nal INT pin, while the internal interrupt is controlled by the relevant Timer overflow. Interrupt Register Overall interrupt control, which means interrupt enabling and flag setting, is controlled using two registers, known as INTC and INTCH, which are located in the Data Memory. By controlling the appropriate enable bits in these registers each individual interrupt can be enabled or disabled. Also when an interrupt occurs, the corre- sponding request flag will be set by the microcontroller. The global enable flag if cleared to zero will disable all interrupts. Interrupt Operation A timer overflow or the external interrupt line being pulled low will all generate an interrupt request by set- ting their corresponding request flag, if their appropriate interrupt enable bit is set. When this happens, the Pro- gram Counter, which stores the address of the next in- struction to be executed, will be transferred onto the stack. The Program Counter will then be loaded with a new address which will be the value of the correspond- ing interrupt vector. The microcontroller will then fetch its next instruction from this interrupt vector. The instruc- tion at this vector will usually be a JMP statement which will take program execution to another section of pro- gram which is known as the interrupt service routine. Here is located the code to control the appropriate inter- rupt. The interrupt service routine must be terminated with a RETI statement, which retrieves the original Pro- gram Counter address from the stack and allows the microcontroller to continue with normal execution at the point where the interrupt occurred. The various interrupt enable bits, together with their as- sociated request flags, are shown in the accompanying diagram with their order of priority. Once an interrupt subroutine is serviced, all the other in- terrupts will be blocked, as the EMI bit will be cleared au- tomatically. This will prevent any further interrupt nesting from occurring. However, if other interrupt requests oc- cur during this interval, although the interrupt will not be immediately serviced, the request flag will still be re- corded. If an interrupt requires immediate servicing while the program is already in another interrupt service routine, the EMI bit should be set after entering the rou- tine, to allow interrupt nesting. If the stack is full, the in- terrupt request will not be acknowledged, even if the related interrupt is enabled, until the Stack Pointer is decremented. If immediate service is desired, the stack must be prevented from becoming full. I N T C R e g i s t e r b 7 b 0 E T 0 I E E I E M I E I F T 0 F E T 1 I T 1 F M a s t e r I n t e r r u p t G l o b a l E n a b l e 1 : g l o b a l e n a b l e 0 : g l o b a l d i s a b l e E x t e r n a l I n t e r r u p t E n a b l e 1 : e n a b l e 0 : d i s a b l e T i m e r 0 I n t e r r u p t E n a b l e 1 : e n a b l e 0 : d i s a b l e T i m e r 1 I n t e r r u p t E n a b l e 1 : e n a b l e 0 : d i s a b l e E x t e r n a l I n t e r r u p t R e q u e s t F l a g 1 : a c t i v e 0 : i n a c t i v e T i m e r 0 I n t e r r u p t R e q u e s t F l a g 1 : a c t i v e 0 : i n a c t i v e T i m e r 1 I n t e r r u p t R e q u e s t F l a g 1 : a c t i v e 0 : i n a c t i v e N o i m p l e m e n t e d , r e a d a s " 0 " Interrupt Control Register |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |