| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT86B03 bảng dữ liệu(PDF) 27 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B03 bảng dữ liệu(HTML) 27 Page - Holtek Semiconductor Inc |
|
27 / 83 page ![]() HT86BXX/HT86BRXX Rev. 1.80 27 March 12, 2010 Program Counter During program execution, the Program Counter is used to keep track of the address of the next instruction to be executed. It is automatically incremented by one each time an instruction is executed except for instructions, such as ²JMP² or ²CALL², that demand a jump to a non-consecutive Program Memory address. Note that the Program Counter width varies with the Program Memory capacity depending upon which device is se- lected. However, it must be noted that only the lower 8 bits, known as the Program Counter Low Register, are directly addressable by user. When executing instructions requiring jumps to non-consecutive addresses such as a jump instruction, a subroutine call, interrupt or reset, etc., the microcontroller manages program control by loading the required address into the Program Counter. For condi- tional skip instructions, once the condition has been met, the next instruction, which has already been fetched during the present instruction execution, is dis- carded and a dummy cycle takes its place while the cor- rect instruction is obtained. The lower byte of the Program Counter, known as the Program Counter Low register or PCL, is available for program control and is a readable and writable register. By transferring data directly into this register, a short program jump can be executed directly, however, as only this low byte is available for manipulation, the jumps are limited to the present page of memory, that is 256 locations. When such program jumps are executed it should also be noted that a dummy cycle will be in- serted. The lower byte of the Program Counter is fully accessi- ble under program control. Manipulating the PCL might cause program branching, so an extra cycle is needed to pre-fetch. Further information on the PCL register can be found in the Special Function Register section. Stack This is a special part of the memory which is used to save the contents of the Program Counter only. The stack has 8 levels and is neither part of the data nor part of the program space, and is neither readable nor writable. The activated level is indexed by the Stack Pointer, SP, and is neither readable nor writable. At a subroutine call or interrupt acknowledge signal, the con- tents of the Program Counter are pushed onto the stack. At the end of a subroutine or an interrupt routine, sig- naled by a return instruction, ²RET² or ²RETI², the Pro- gram Counter is restored to its previous value from the stack. After a device reset, the Stack Pointer will point to the top of the stack. Mode Program Counter *12 *11 *10 *9 *8 *7 *6 *5 *4 *3 *2 *1 *0 Initial Reset 0000000000000 External Interrupt 0000000000100 Timer 0 Overflow 0000000001000 Timer 1 Overflow 0000000001100 Timer 2 Overflow 0000000010000 Timer 3 Overflow 0000000010100 Skip Program Counter + 2 Loading PCL *12 *11 *10 *9 *8 @7 @6 @5 @4 @3 @2 @1 @0 Jump, Call Branch #12 #11 #10 #9 #8 #7 #6 #5 #4 #3 #2 #1 #0 Return from Subroutine S12 S11 S10 S9 S8 S7 S6 S5 S4 S3 S2 S1 S0 Program Counter Note: *12~*0: Program counter bits S12~S0: Stack register bits #12~#0: Instruction code bits @7~@0: PCL bits The program counter in the HT86B03 is only 12-bits wide therefore the *12 column in the table is not applicable. P r o g r a m C o u n t e r S t a c k L e v e l 1 S t a c k L e v e l 2 S t a c k L e v e l 3 S t a c k L e v e l 8 P r o g r a m M e m o r y T o p o f S t a c k S t a c k P o i n t e r B o t t o m o f S t a c k |