| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45B0K bảng dữ liệu(PDF) 17 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45B0K bảng dữ liệu(HTML) 17 Page - Holtek Semiconductor Inc |
|
17 / 23 page ![]() Rev 1.00 March 22, 2010 17 HT45B0K SPI to USB Bridge FIFO0~FIFO5 Registers The FIFO0~FIFO5 Registers are used for data transactions between the USB device and the USB host. The MCU reads data from or writes data to the FIFOs via the SPI interface to complete data interchange. For “Interrupt transfer” it is supported by FIFO0~FIFO2 and FIFO4, while it is supported by FIFO3 and FIFO5 for “Bulk transfer”. FIFO0~FIFO5 Registers Label Type POR MISC Setting Flow and Status FIFO0 R/W xxxx xxxx Data pipe for endpoint 0, depth = 8 bytes FIFO1 R/W xxxx xxxx Data pipe for endpoint 1, depth = 8 bytes FIFO2 R/W xxxx xxxx Data pipe for endpoint 2, depth = 8 bytes FIFO3 R/W xxxx xxxx Data pipe for endpoint 3, depth = 64 bytes FIFO4 R/W xxxx xxxx Data pipe for endpoint 4, depth = 8 bytes FIFO5 R/W xxxx xxxx Data pipe for endpoint 5, depth = 64 bytes “x” means unknown. |