công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPCS8102 bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện TPCS8102
Giải thích chi tiết về linh kiện  Lithium-Ion Battery Applications Portable Equipment Applications Notebook PC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8102 bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  TPCS8102 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCS8102
2006-11-16
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2a)
Rth (ch-a)
83.3
°C/W
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2b)
Rth (ch-a)
208
°C/W
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2:
a) Device mounted on a glass-epoxy board (a)
b)
Device mounted on a glass-epoxy board (b)
Note 3: VDD = −16 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = −6.0 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: ○ on the lower right of the marking indicates Pin 1.
S8102
Lot No.
(weekly code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
* Weekly code: (Three digits)
Week of manufacture
(“01” for the first week of the year, continuing up to “52” or “53”)
Year of manufacture
(the last digit of the calendar year)



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com