| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6600GU22DM6F bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6600GU22DM6F bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 51 page ![]() Waveforms STM6600 - STM6601 14/51 Doc ID 15453 Rev 7 4 Waveforms Figure 7. Successful power-up on STM6600 (PB released prior to tON_BLANK expiration) 1. PB detection on falling and rising edges. 2. Internal pull-down resistor 300 k Ω is connected to PSHOLD input during power-up. 3. EN signal is high even after PB release, because processor sets PSHOLD signal high before PB is released. PSHOLD ignored internal pull-down resistor connected to PSHOLD input VCC undervoltage detection ignored PB (1) PSHOLD (2) EN (3) RST Push-button pressed and PB connected to GND tDEBOUNCE tREC processor sets PSHOLD PB released prior to t ON_BLANK expiration PSHOLD state detected as high EN remains asserted tON_BLANK AM00247v3 INT signal is held high during power-up (i.e. until PB release in this case). V CC is considered VCC > VTH+. Note: |