| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6600GS25DM6F bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6600GS25DM6F bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 51 page ![]() STM6600 - STM6601 Waveforms Doc ID 15453 Rev 7 17/51 Figure 10. Unsuccessful power-up on STM6600 (tON_BLANK expires prior to PB release) 1. PB detection on falling and rising edges. 2. Internal pull-down resistor 300 k Ω is connected to PS HOLD input during power-up. 3. tON_BLANK expires prior to PB release so PSHOLD is checked at its expiration. internal pull-down resistor connected to PSHOLD input PSHOLD ignored PB status ignored VCC undervoltage detection ignored PB (1) PSHOLD (2) EN (3) RST Push-button pressed and PB connected to GND tDEBOUNCE PB released tREC tEN_OFF tON_BLANK tON_BLANK expired prior to PB release PSHOLD state detected as low EN is deasserted AM00248bv2 INT signal is held high during power-up (i.e. until tON_BLANK expires in this case). V CC is considered VCC > VTH+. Note: |