| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6600FQ24DM6F bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6600FQ24DM6F bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 51 page ![]() STM6600 - STM6601 Waveforms Doc ID 15453 Rev 7 19/51 Figure 12. Unsuccessful power-up on STM6601 1. PB detection on falling edge. 2. Internal pull-down resistor 300 k Ω is connected to PSHOLD input during power-up. 3. PSHOLD signal is ignored during tON_BLANK. When tON_BLANK expires, the level of the PSHOLD signal is not high therefore the EN signal goes low. Even releasing the PB button after the tON_BLANK will not prevent this. EN (3) (2) t ON_BLANK expires PSHOLD state detected as low EN deasserted intenal pull-down resistor connected to PS HOLD input t DEBOUNCE Push-button pressed and PB connected to GND Push-button pressed and PB connected to GND tREC PB (1) RST PSHOLD ignored PSHOLD AM00238v2 INT signal is held high during power-up (i.e. until tON_BLANK expires in the case of the STM6601). VCC is considered VCC > VTH+. Note: |