| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC05 bảng dữ liệu(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC05 bảng dữ liệu(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 128 page ![]() Technical Data MC68HC05J1A — Rev. 3.0 Instruction Set Instruction Set CLR opr CLRA CLRX CLR opr,X CLR ,X Clear Byte M ← $00 A ← $00 X ← $00 M ← $00 M ← $00 —— 01 — DIR INH INH IX1 IX 3F 4F 5F 6F 7F dd ff 5 3 3 6 5 CMP #opr CMP opr CMP opr CMP opr,X CMP opr,X CMP ,X Compare Accumulator with Memory Byte (A) – (M) —— IMM DIR EXT IX2 IX1 IX A1 B1 C1 D1 E1 F1 ii dd hh ll ee ff ff 2 3 4 5 4 3 COM opr COMA COMX COM opr,X COM ,X Complement Byte (One’s Complement) M ← (M) = $FF – (M) A ← (A) = $FF – (A) X ← (X) = $FF – (X) M ← (M) = $FF – (M) M ← (M) = $FF – (M) —— 1 DIR INH INH IX1 IX 33 43 53 63 73 dd ff 5 3 3 6 5 CPX #opr CPX opr CPX opr CPX opr,X CPX opr,X CPX ,X Compare Index Register with Memory Byte (X) – (M) —— IMM DIR EXT IX2 IX1 IX A3 B3 C3 D3 E3 F3 ii dd hh ll ee ff ff 2 3 4 5 4 3 DEC opr DECA DECX DEC opr,X DEC ,X Decrement Byte M ← (M) – 1 A ← (A) – 1 X ← (X) – 1 M ← (M) – 1 M ← (M) – 1 —— — DIR INH INH IX1 IX 3A 4A 5A 6A 7A dd ff 5 3 3 6 5 EOR #opr EOR opr EOR opr EOR opr,X EOR opr,X EOR ,X EXCLUSIVE OR Accumulator with Memory Byte A ← (A) ⊕ (M) —— — IMM DIR EXT IX2 IX1 IX A8 B8 C8 D8 E8 F8 ii dd hh ll ee ff ff 2 3 4 5 4 3 INC opr INCA INCX INC opr,X INC ,X Increment Byte M ← (M) + 1 A ← (A) + 1 X ← (X) + 1 M ← (M) + 1 M ← (M) + 1 —— — DIR INH INH IX1 IX 3C 4C 5C 6C 7C dd ff 5 3 3 6 5 JMP opr JMP opr JMP opr,X JMP opr,X JMP ,X Unconditional Jump PC ← Jump Address —— —— — DIR EXT IX2 IX1 IX BC CC DC EC FC dd hh ll ee ff ff 2 3 4 3 2 Table 9-6. Instruction Set Summary (Sheet 3 of 6) Source Form Operation Description Effect on CCR HIN Z C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |