| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6601CS2DDM6E bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6601CS2DDM6E bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 51 page ![]() STM6600 - STM6601 Waveforms Doc ID 15453 Rev 7 15/51 Figure 8. Successful power-up on STM6600 (tON_BLANK expires prior to PB release) 1. PB detection on falling and rising edges. 2. Internal pull-down resistor 300 k Ω is connected to PS HOLD input during power-up. 3. tON_BLANK expires prior to PB release so PSHOLD is checked at its expiration. PSHOLD ignored internal pull-down resistor connected to PSHOLD input VCC undervoltage detection ignored PB (1) PSHOLD (2) EN (3) RST Push-button pressed and PB connected to GND tDEBOUNCE tREC processor sets PSHOLD PB released tON_BLANK tON_BLANK expired prior to PB release PSHOLD state detected as high EN remains asserted AM00247bv2 INT signal is held high during power-up (i.e. until tON_BLANK expires in this case). V CC is considered VCC > VTH+. Note: |