công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6601AS2DDM6E bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện STM6601AS2DDM6E
Giải thích chi tiết về linh kiện  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6601AS2DDM6E bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button STM6601AS2DDM6E Datasheet HTML 11Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 12Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 13Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 14Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 15Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 16Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 17Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 18Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STM6600 - STM6601
Waveforms
Doc ID 15453 Rev 7
15/51
Figure 8.
Successful power-up on STM6600 (tON_BLANK expires prior to PB release)
1.
PB detection on falling and rising edges.
2.
Internal pull-down resistor 300 k
Ω is connected to PS
HOLD input during power-up.
3.
tON_BLANK expires prior to PB release so PSHOLD is checked at its expiration.
PSHOLD
ignored
internal pull-down resistor
connected to PSHOLD input
VCC undervoltage detection
ignored
PB
(1)
PSHOLD
(2)
EN
(3)
RST
Push-button pressed and
PB connected to GND
tDEBOUNCE
tREC
processor
sets PSHOLD
PB released
tON_BLANK
tON_BLANK expired prior to PB
release
PSHOLD state detected as high
EN remains asserted
AM00247bv2
INT signal is held high during power-up (i.e. until tON_BLANK expires in this case).
V
CC is considered VCC > VTH+.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com