công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPL01002031MP bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện HPL01002031MP
Giải thích chi tiết về linh kiện  High Life Cycle, High Temperature Capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HPL01002031MP bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  HPL01002031MP Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL01002031MP Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL01002031MP Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL01002031MP Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL01002031MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 3
Customization
How It Works
Top Circuit (Collector)
Circuit Spacer
Bottom Circuit (Resistor)
Bottom Adhesive
In simple terms, the HotPot membrane potentiometer is a resistive element, which comprises a conductive
resistor, a sealed encasement and a simple wiper assembly. A membrane potentiometer can also function as a
voltage divider.
The HotPot is a three-wire system with two resistive output channels and an electrical collector channel.
By pressing a wiper down onto the top circuit the HotPot produces the desired electrical output. The "wiper" is a
non-conductive mechanism that depresses the top circuit actuating the potentiometer from the outside of the
element. The top and bottom circuits are separated by 0.15mm (0.006") of spacer adhesive build-up and contact
between the circuit occurs by pressure (usually 1-3 Newtons) from the wiper on the top circuit, pushing down until
the top circuit connects with the bottom circuit to create a potentiometric output.
The construction of the wiper design can adapt to any application because most materials can serve as the wiper:
plastics, metals, sliders, rollers, wheels, etc. Also, the HotPot can also be manually (hand) actuated.
Customize the size, shape, and even the number of tracks. Such custom requests, for example, can be: multiple
ganged sensors (up to 40 tracks); serpentine active area track; custom lengths 10mm-2000mm; custom rotary
diameters, etc. Feel free to contact Spectra Symbol with your custom request at sales@spectrasymbol.com or
(888)795-2283..



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com