công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9983BHW/15/C1 bảng dữ liệu(PDF) 94 Page - NXP Semiconductors

tên linh kiện TDA9983BHW/15/C1
Giải thích chi tiết về linh kiện  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 bảng dữ liệu(HTML) 94 Page - NXP Semiconductors

Back Button TDA9983BHW/15/C1 Datasheet HTML 90Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 91Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 92Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 93Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 94Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 95Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 96Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 97Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
94 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.7.3 Audio content protection packet registers
Below is an example of use. Please refer to
HDMI 1.2a specification for the correct
definition of data bytes.
See
HDMI 1.2a specification, section 9.3 for rules regarding the use of ACP packets.
5Ch
ISRC2_PB25
7 to 0 ISRC2_PB_BYTE_25[7:0]
R/W
00h*
reserved byte 25 (shall be set to
a value of 0)
5Dh
ISRC2_PB26
7 to 0 ISRC2_PB_BYTE_26[7:0]
R/W
00h*
reserved byte 26 (shall be set to
a value of 0)
5Eh
ISRC2_PB27
7 to 0 ISRC2_PB_BYTE_27[7:0]
R/W
00h*
reserved byte 27 (shall be set to
a value of 0)
Table 104. ISRC2 packet registers (address 40h to 5Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value Description
Table 105. ACP packet registers (address 60h to 7Eh) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description
60h
ACP_
PACKET_
TYPE
7 to 0 ACP_PACKET_
TYPE[7:0]
R/W
04h*
audio content protection packet type:
packet type of the audio content protection
packet
61h
ACP_TYPE
7 to 0 ACP_TYPE[7:0]
R/W
00h*
audio content protection type: content
protection type
62h
ACP_RSVD
7 to 0 ACP_RSVD[7:0]
R/W
00h*
audio content protection reserved:
reserved (shall be zero)
63h
ACP_PB0
7 to 0 ACP_PB_BYTE_0[7:0]
R/W
00h*
audio content protection data byte 0
ACP_TYPE = 2: DVD-audio
DVD-Audio_Type_Dependent_
Generation [8 bits] identifies the
generation of the DVD-Audio-specific
ACP_Type_ Dependent fields. Shall be
set to logic 1.
ACP_TYPE = 3: super audio CD
CCI_1_b0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com