| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP1883ARMZ-1.0-R7 bảng dữ liệu(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1883ARMZ-1.0-R7 bảng dữ liệu(HTML) 34 Page - Analog Devices |
|
34 / 40 page ![]() ADP1882/ADP1883 Rev. 0 | Page 34 of 40 OUTPUT CAPACITORS ARE MOUNTED ON THE RIGHTMOST AREA OF THE EVB, WRAPPING BACK AROUND TO THE MAIN POWER GROUND PLANE, WHERE IT MEETS WITH THE NEGATIVE TERMINALS OF THE INPUT CAPACITORS. INPUT CAPACITORS ARE MOUNTED CLOSE TO DRAIN OF Q1/Q2 AND SOURCE OF Q3/Q4. BYPASS POWER CAPACITOR (C1) FOR VDD BIAS DECOUPLING AND HIGH FREQUENCY CAPACITOR (C2) AS CLOSE AS POSSIBLE TO THE IC. SENSITIVE ANALOG COMPONENTS LOCATED FAR FROM THE NOISY POWER SECTION. SEPARATE ANALOG GROUND PLANE FOR THE ANALOG COMPONENTS (THAT IS, COMPENSATION AND FEEDBACK RESISTORS). Figure 84. Overall Layout of the ADP1882 High Current Evaluation Board Figure 85. Layer 2 of Evaluation Board |