| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8495ARMZ bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8495ARMZ bảng dữ liệu(HTML) 10 Page - Analog Devices |
|
10 / 15 page ![]() AD849x PCB TRACES KEEP TRACES SHORT KEEP JUNCTION AND AD849x AT SAME TEMPERATURE MEASUREMENT JUNCTION REFERENCE JUNCTION THERMOCOUPLE WIRE INCORRECT V CORRECT AD849x AD8613 + – V REF AD849x REF WHEN USING EXPOSED OR GROUNDED THERMOCOUPLE TIPS WHEN USING ISOLATED THERMOCOUPLE TIPS RAILS HIGH WITH OPEN THERMOCOUPLE RAILS LOW WITH OPEN THERMOCOUPLE ELECTRICAL CONNECTION OCCURS AT TIP. VOLTAGE MUST STAY IN INPUT VOLTAGE RANGE OF AD849x. WHEN THERMOCOUPLE TIP TYPE IS UNKNOWN 10MΩ |