công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LNK454VG bảng dữ liệu(PDF) 4 Page - Power Integrations, Inc.

tên linh kiện LNK454VG
Giải thích chi tiết về linh kiện  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERINT [Power Integrations, Inc.]
Trang chủ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG bảng dữ liệu(HTML) 4 Page - Power Integrations, Inc.

  LNK454VG Datasheet HTML 1Page - Power Integrations, Inc. LNK454VG Datasheet HTML 2Page - Power Integrations, Inc. LNK454VG Datasheet HTML 3Page - Power Integrations, Inc. LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. A 06/10
4
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
TRIAC (Phase-Controlled) Dimming
The LinkSwitch-PL integrates several features to improve
dimming range and reduce external circuit complexity when
using a phase-controlled TRIAC dimmer. The output LED
current is controlled by the FEEDBACK pin voltage which
changes proportionally to the TRIAC dimmer conduction angle.
The conduction angle decreases, the voltage at the FEEDBACK
pin decreases causing the average LED current to decrease.
The FEEDBACK pin voltage adjustment is initiated at approxi-
mately 20% of the main half-cycle duration. When this (jOS)
threshold is exceeded, V
FB and the output LED current are
reduced until a second phase angle threshold is reached.
When this happens, with the TRIAC conduction angle being
very limited, the IC runs open loop (jOL region) and the
integrated MOSFET processes as much power as the heavily
chopped input voltage will allow creating a light output that is
deeply dimmed.
The 520 mV clamping feedback threshold is also linearly reduced
during dimming to control LED current ripple.
To help maintain the holding current of the TRIAC in the dimmer,
LinkSwitch-PL extends the MOSFET on-time towards the zero
crossings of the AC input voltage providing an active bleed or
holding current function. This on-time extension is carefully
limited to avoid deterioration of input current harmonic content
and limit total harmonic distortion (THD).
Figure 6.
Feedback Voltage vs. Phase Angle Dimming Characteristics.
VFB(ϕ)
VFB(ϕ)
VFB
ϕOL
ϕ
ϕ
180°
0°
VLINE
Phase
Angle
Phase
Angle
TRIAC
Conduction
TRIAC
Conduction
Leading Edge
TRIAC Dimmers
Trailing Edge
TRIAC Dimmers
VTRIAC
180°
0°
0°
0°
PI-5894a-052610
ϕOS
ϕOL
ϕOS
Phase
Angle
Phase
Angle
Phase
Angle
Phase
Angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com