công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TOP267EG bảng dữ liệu(PDF) 35 Page - Power Integrations, Inc.

tên linh kiện TOP267EG
Giải thích chi tiết về linh kiện  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERINT [Power Integrations, Inc.]
Trang chủ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP267EG bảng dữ liệu(HTML) 35 Page - Power Integrations, Inc.

Back Button TOP267EG Datasheet HTML 28Page - Power Integrations, Inc. TOP267EG Datasheet HTML 29Page - Power Integrations, Inc. TOP267EG Datasheet HTML 30Page - Power Integrations, Inc. TOP267EG Datasheet HTML 31Page - Power Integrations, Inc. TOP267EG Datasheet HTML 32Page - Power Integrations, Inc. TOP267EG Datasheet HTML 33Page - Power Integrations, Inc. TOP267EG Datasheet HTML 34Page - Power Integrations, Inc. TOP267EG Datasheet HTML 35Page - Power Integrations, Inc. TOP267EG Datasheet HTML 36Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Rev. B 03/10
35
TOP264-271
www.powerint.com
SIDE VIEW
C
A
END VIEW
12×
12×
Detail A
0.059 [1.50]
Ref, typ.
2
8
PI-5556-122109
Notes:
1. Dimensioning and tolerancing
per ASME Y14.5M-1994.
2. Dimensions noted are determined
at the outermost extremes of the plastic
body exclusive of mold flash, tie bar
burrs, gate burrs, and interlead flash,
but including any mismatch between the
top and bottom of the plastic body.
3. Dimensions noted are inclusive of
plating thickness.
4. Does not include inter-lead flash or
protrusions.
5. Controlling dimensions in inches (mm).
6. Datums A & B to be determined at Datum H.
7. Measured with the leads constrained to be
perpendicular to Datum C.
8. Measured with the leads unconstrained.
9. Lead numbering per JEDEC SPP-012.
eDIP-12 (V Package)
B
H
TOP VIEW
0.316 [8.03]
Ref.
Pin #1 I.D.
(Laser Marked)
0.350 [8.89]
0.070 [1.78]
1 2 3 4 5 6
12 11 10 9 8
7
7
12
6
0.059 [1.50]
Ref, typ.
1
0.213 [5.41]
Ref.
0.192 [4.87]
Ref.
0.436 [11.08]
0.406 [10.32]
0.023 [0.58]
0.018 [0.46]
0.092 [2.34]
0.086 [2.18]
0.049 [1.23]
0.046 [1.16]
0.022 [0.56]
Ref.
0.031 [0.80]
0.028 [0.72]
0.016 [0.41]
0.011 [0.28]
0.400 [10.16]
7
2
3 4
0.400 [10.16]
0.010 [0.25] Ref.
Seating Plane
0.412 [10.46]
Ref.
0.306 [7.77]
Ref.
0.104 [2.65] Ref.
0.356 [9.04]
Ref.
0.019 [0.48]
Ref.
0.028 [0.71]
Ref.
0.020 [0.51]
Ref.
BOTTOM VIEW
0.010 (0.25) M C A B
2X
0.004 [0.10] C B
DETAIL A (Not drawn to scale)
0.004 [0.10] C A
5 ±
° 4°
Part Ordering Information
• TOPSwitch Product Family
• JX Series Number
• Package Identifier
E
Plastic eSIP-7C
V
Plastic eDIP-12
• Pin Finish
G
Halogen Free and RoHS Compliant
• Tape & Reel and Other Options
Blank
Standard Configurations
TOP 264 E G - TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com