| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP264EG bảng dữ liệu(PDF) 22 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP264EG bảng dữ liệu(HTML) 22 Page - Power Integrations, Inc. |
|
22 / 36 page ![]() Rev. B 03/10 22 TOP264-271 www.powerint.com Figure 28. Layout Considerations for TOPSwitch-JX Using V-Package and Operating at 132 kHz. + - HV + - DC OUT PI-5793-030910 Y- Capacitor Isolation Barrier T1 Output Rectifier RLS2 RLS1 RPL1 ROV J1 J2 U1 R6 D5 C6 R7 R8 CBP RIL DB CB R10 R9 VZOV C9 RPL2 VR1 HS1 C4 U2 R15 R13 R17 JP2 U4 C21 R21 R20 C19 L3 HS2 D8 C16 R12 C18 C17 Output Filter Capacitors HF LC Post-Filter Input Filter Capacitor Transformer X F D C S V Clamp Circuit Figure 29. Layout Considerations for TOPSwitch-JX Using E-Package and Operating at 132 kHz. DC IN PI-5752-012510 Output Rectifiers Transformer L2 C18 C16 U3 C11 VR1 C3 C4 R5 D5 C10 R16 DB CB ROV RLS1 RPL1 R12 U1 RIL CBP VZOV T1 U2 Y- Capacitor C17 D8 D9 J2 J1 Output Filter Capacitors HF LC Post-Filter Input Filter Capacitor Clamp Circuit Maximize Copper Area for Optimum Heat Sinking DC OUT – |