công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXM61P03F bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors

tên linh kiện ZXM61P03F
Giải thích chi tiết về linh kiện  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZETEX [Zetex Semiconductors]
Trang chủ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM61P03F bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors

  ZXM61P03F Datasheet HTML 1Page - Zetex Semiconductors ZXM61P03F Datasheet HTML 2Page - Zetex Semiconductors ZXM61P03F Datasheet HTML 3Page - Zetex Semiconductors ZXM61P03F Datasheet HTML 4Page - Zetex Semiconductors ZXM61P03F Datasheet HTML 5Page - Zetex Semiconductors ZXM61P03F Datasheet HTML 6Page - Zetex Semiconductors ZXM61P03F Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXM61P03F
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
200
°C/W
Junction to Ambient (b)
RθJA
155
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal
Impedance graph.
82
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate- Source Voltage
VGS
± 20
V
Continuous Drain Current (VGS=-10V; TA=25°C)(b)
(VGS=-10V; TA=70°C)(b)
ID
-1.1
-0.9
A
Pulsed Drain Current (c)
IDM
-4.3
A
Continuous Source Current (Body Diode)(b)
IS
-0.88
A
Pulsed Source Current (Body Diode)(c)
ISM
-4.3
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
806
6.4
mW
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
PROVISIONAL ISSUE A - JULY 1999



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com