| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPR032EPR2 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR032EPR2 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 32 page ![]() MPR03X Sensors 10 Freescale Semiconductor 4.3 Run1 Mode In Run1 Mode, the MPR03X monitors 1, 2, or 3 electrodes which are connected to a user defined array of touch pads. When only 1 or 2 electrodes are selected, the IRQ/ELE2 pin is automatically configured as an open drain interrupt output. When 3 electrodes are selected in Run1 Mode, the IRQ/ELE2 pin becomes the third electrode input, ELE2 (Figure 14). Figure 14. Electrode/Pad Connections in Run Mode 4.4 Run2 Mode In Run2 Mode, all enabled electrodes act as a single electrode by internally connecting the electrode pins together. The entire surface of all the touch pads is used as a single pad, increasing the total area of the conductor. When 2 electrodes are selected in Run2 Mode, the IRQ/ELE2 pin is automatically configured as an open drain interrupt output. When 3 electrodes are selected, the IRQ/ELE2 pin becomes the third electrode input, ELE2 (Figure 15). Figure 15. Electrode/Pad Connections in Area Detection Mode 4.5 Electrode Configuration Register The Electrode Configuration Register manages the configuration of the Electrode outputs in addition to the mode of the part. The address of the Electrode Configuration Register is 0x44. Figure 16. Electrode Configuration Register 7 6 5 4 3210 R0 CalLock ModeSel EleEn W Reset: 0 0 0 0 0000 = Unimplemented ELE0 ELE1 Capacitance Measurement Engine Filters and Touch Detection ELE2 3 1 2 Run1 Mode with 3 Electrodes INT Interrupt Run1 Mode with 2 Electrodes ELE1 ELE0 Capacitance Measurement Engine Filters and Touch Detection 1 2 INT Interrupt Run1 Mode with 1 Electrode ELE0 Capacitance Measurement Engine Filters and Touch Detection 1 ELE0 ELE1 INT Capacitance Measurement Engine Filters and Touch Detection ELE2 Interrupt Run2 Mode to 2 Pads 3 1 2 ELE1 ELE0 Capacitance Measurement Engine Filters and Touch Detection Run2 Mode to 3 Pads 1 2 |