| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F46J50 bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F46J50 bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 12 page ![]() PIC18F46J50 FAMILY DS80436C-page 4 2010 Microchip Technology Inc. 3. Module: Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) In rare situations, when interrupts are enabled, unexpected results may occur if: • The EUSART is disabled (the SPEN bit, RCSTAx<7> = 0) • The EUSART is re-enabled (RCSTAx<7> = 1) • A two-cycle instruction is executed immediately after setting SPEN = 1 Work around Add a 2 TCY delay after any instruction that re- enables the EUSART module (sets SPEN = 1). Refer to Example 1. EXAMPLE 1: RE-ENABLING A EUSART MODULE Affected Silicon Revisions ;Initial conditions: SPEN = 0 (module disabled) ;To re-enable the module: ;Re-Initialize TXSTAx, BAUDCONx, SPBRGx, SPBRGHx registers (if needed) ;Re-Initialize RCSTAx register (if needed), but do not set SPEN = 1 yet ;Now enable the module, but add a 2-Tcy delay before executing any two-cycle ;instructions bsf RCSTA1, SPEN ;or RCSTA2 if EUSART2 nop ;1 Tcy delay nop ;1 Tcy delay (two total) ;CPU may now execute 2 cycle instructions A2 A4 X X |