công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXCL200 bảng dữ liệu(PDF) 6 Page - Zetex Semiconductors

tên linh kiện ZXCL200
Giải thích chi tiết về linh kiện  ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZETEX [Zetex Semiconductors]
Trang chủ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL200 bảng dữ liệu(HTML) 6 Page - Zetex Semiconductors

  ZXCL200 Datasheet HTML 1Page - Zetex Semiconductors ZXCL200 Datasheet HTML 2Page - Zetex Semiconductors ZXCL200 Datasheet HTML 3Page - Zetex Semiconductors ZXCL200 Datasheet HTML 4Page - Zetex Semiconductors ZXCL200 Datasheet HTML 5Page - Zetex Semiconductors ZXCL200 Datasheet HTML 6Page - Zetex Semiconductors ZXCL200 Datasheet HTML 7Page - Zetex Semiconductors ZXCL200 Datasheet HTML 8Page - Zetex Semiconductors ZXCL200 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Input to Output Diode
In common with many other regulators, the ZXCL200
device has an inherent diode associated with the
output series pass transistor. This diode has its anode
connected to the output and its cathode to the input.
The internal diode is normally reverse biased, but will
conduct if the output is forced above the input by more
than a VBE (approximately 0.6V). Current will then flow
from Vout to Vin. For safe operation, the maximum
current in this diode should be limited to 5mA
continuous and 30mA peak. An external schottky diode
may be used to provide protection when this condition
cannot be satisfied.
Increased Output current
Any ZXCL series device may be used in conjunction
with an external PNP transistor to boost the output
current capability. In the application circuit
shown
below, a FMMT717 device is employed as the external
pass element. This SOT23 device can supply up to 2.5A
maximum current subject to the thermal dissipation
limits of the package (625mW). Alternative devices
may be used to supply higher levels of current. Note
that with this arrangement, the dropout voltage will be
increased by the VBE drop of the external device. Also,
care should be taken to protect the pass transistor in
the event of excessive output current.
ZXCL200
ISSUE 1 - SEPTEMBER 2001
6
VIN
EN
VO
U1
ZXCL SERIES
Q1
FMMT717
R1
5.6R
C2
1uF
C1
1uF
C3
1uF
VOUT
VIN
Scheme to boost output current to 2A



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com