| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUMH7 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PUMH7 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 2003 Oct 02 2 NXP Semiconductors Product data sheet NPN/NPN resistor-equipped transistors; R1 = 4.7 k Ω, R2 = open PEMH7; PUMH7 FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • Low current peripheral driver • Replacement of general purpose transistors in digital applications • Control of IC inputs. DESCRIPTION NPN/NPN resistor-equipped transistors (see “Simplified outline, symbol and pinning” for package details). QUICK REFERENCE DATA SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − 50 V IO output current (DC) − 100 mA TR1 NPN − − − TR2 NPN − − − R1 bias resistor 4.7 − k Ω R2 bias resistor open − − PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. TYPE NUMBER PACKAGE MARKING CODE(1) NPN/PNP COMPLEMENT PNP/PNP COMPLEMENT PHILIPS EIAJ PEMH7 SOT666 − H3 PEMD6 PEMB3 PUMH7 SOT363 SC-88 H*7 PUMD6 PUMB3 SIMPLIFIED OUTLINE, SYMBOL AND PINNING TYPE NUMBER SIMPLIFIED OUTLINE AND SYMBOL PINNING PIN DESCRIPTION PEMH7 1 emitter TR1 PUMH7 2 base TR1 3 collector TR2 4 emitter TR2 5 base TR2 6 collector TR1 handbook, halfpage MAM453 12 3 4 6 5 Top view 65 4 12 3 TR1 TR2 R1 R1 |