công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

miniSMDC200F bảng dữ liệu(PDF) 12 Page - Tyco Electronics

tên linh kiện miniSMDC200F
Giải thích chi tiết về linh kiện  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

miniSMDC200F bảng dữ liệu(HTML) 12 Page - Tyco Electronics

Back Button miniSMDC200F Datasheet HTML 8Page - Tyco Electronics miniSMDC200F Datasheet HTML 9Page - Tyco Electronics miniSMDC200F Datasheet HTML 10Page - Tyco Electronics miniSMDC200F Datasheet HTML 11Page - Tyco Electronics miniSMDC200F Datasheet HTML 12Page - Tyco Electronics miniSMDC200F Datasheet HTML 13Page - Tyco Electronics miniSMDC200F Datasheet HTML 14Page - Tyco Electronics miniSMDC200F Datasheet HTML 15Page - Tyco Electronics miniSMDC200F Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SURF ACE-MOUNT DEVICES FOR ELECTRONIC APPLICA TIONS
9
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
nanoSMDC012F
*
0.12
0.30
30
10
1.40
6.50
Pending
3.4
(0.134)
1.00
(0.039)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC016F
*
0.16
0.40
30
10
1.10
5.00
Pending
3.4
(0.134)
1.00
(0.039)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC020F
0.20
0.42
24
100
0.65
2.60
UL, TÜV, CSA
3.4
(0.134)
0.64
(0.025)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC035F
0.35
0.75
16
20
0.45
1.40
UL, TÜV, CSA
3.4
(0.134)
0.64
(0.025)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC050F/13.2
0.50
1.10
13.2
100
0.20
0.80
UL, TÜV, CSA
3.4
(0.134)
0.64
(0.025)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC075F
0.75
1.50
6
100
0.12
0.40
UL, TÜV, CSA
3.4
(0.134)
0.48
(0.019)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC110F
1.10
2.20
6
100
0.07
0.20
UL, TÜV, CSA
3.4
(0.134)
1.00
(0.039)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC150F
1.50
3.00
6
100
0.04
0.11
UL, TÜV, CSA
3.4
(0.134)
0.89
(0.035)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC200F
*
2.00
4.00
6
100
0.02
0.07
Pending
3.4
(0.134)
1.25
(0.049)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
* Data is preliminary.
nanoSMDC Series Size: 3216 (mm), 1206 (mils)
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
microSMD005F
0.05
0.15
30
10
3.6
50.0
UL, TÜV, CSA
3.43
(0.135)
0.85
(0.034)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD010F
0.10
0.25
30
10
2.10
15.00
UL, TÜV, CSA
3.43
(0.135)
0.85
(0.034)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD035F
0.35
0.75
6
40
0.32
1.30
UL, TÜV, CSA
3.43
(0.135)
0.62
(0.025)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD050F
0.50
1.00
13.2
40
0.25
0.90
UL, TÜV, CSA
3.43
(0.135)
0.62
(0.025)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD075F
0.75
1.50
6
40
0.11
0.40
UL, TÜV, CSA
3.43
(0.135)
0.62
(0.025)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD110F
1.10
2.20
6
40
0.07
0.21
UL, TÜV, CSA
3.43
(0.135)
0.48
(0.019)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD150F
1.50
3.00
6
40
0.04
0.11
UL, TÜV, CSA
3.43
(0.135)
1.22
(0.048)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD175F
1.75
3.50
6
40
0.02
0.08
UL, TÜV, CSA
3.43
(0.135)
0.76
(0.030)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD Series Size: 3225 (mm), 1210 (mils)
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
miniSMDC014F
0.14
0.34
60
10
1.500
6.000
UL, TÜV, CSA
4.73
(0.186)
0.89
(0.035)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC020F
0.20
0.40
30
10
0.600
3.300
UL, TÜV, CSA
4.73
(0.186)
0.89
(0.035)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC050F
0.50
1.00
24
100
0.150
1.000
UL, TÜV, CSA
4.73
(0.186)
0.62
(0.025)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC075F
0.75
1.50
13.2
100
0.110
0.450
UL, TÜV, CSA
4.73
(0.186)
0.62
(0.025)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC075F/24
0.75
1.50
24
40
0.090
0.290
UL, TÜV, CSA
4.73
(0.186)
1.07
(0.042)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC110F
1.10
2.20
8
100
0.040
0.210
UL, TÜV, CSA
4.73
(0.186)
0.62
(0.025)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC110F/16
1.10
2.20
16
100
0.060
0.180
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC110F/24
1.10
2.20
24
20
0.060
0.180
UL, TÜV, CSA
4.73
(0.186)
1.07
(0.042)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC125F
1.25
2.50
6
100
0.050
0.140
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC125F/16
1.25
2.50
16
100
0.050
0.140
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC150F
1.50
3.00
6
100
0.040
0.110
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC150F/12
1.50
3.00
12
100
0.040
0.110
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC150F/24
1.50
3.00
24
20
0.040
0.120
UL, TÜV, CSA
4.73
(0.186)
1.50
(0.060)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC160F
1.60
3.20
9
100
0.030
0.100
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC200F
2.00
4.00
8
100
0.020
0.070
UL, TÜV, CSA
4.73
(0.186)
1.22
(0.048)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC260F
2.60
5.00
6
100
0.015
0.043
UL, TÜV, CSA
4.73
(0.186)
1.25
(0.050)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC260F/12
2.60
5.00
12
100
0.015
0.047
UL, TÜV, CSA
4.73
(0.186)
1.25
(0.050)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC260F/16
*
2.60
5.00
16
100
0.015
0.047
Pending
4.73
(0.186)
1.25
(0.050)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
* Data is preliminary.
miniSMDC Series Size: 4532 (mm), 1812 (mils)
ELV Compliant, RoHS Compliant
Coming Soon
Coming Soon
Coming Soon
Coming Soon
New
New
New
New
New
New
Figure 1
B
C
E
D
A
Top view
Side view
E
D
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
miniSMDE190F
1.90
3.80
16
100
0.024
0.080
UL, TÜV, CSA
11.51
(0.453)
0.53
(0.021)
5.33
(0.210)
0.510
(0.020) 0.381 (0.015)
1
miniSMDE Series Size: 11550 (mm), 4420 (mils)
ELV Compliant, RoHS Compliant
These product lines are designed for surface-mount
applications. The variety of sizes enables installation
in limited space applications such as crowded printed
circuit boards, digital cameras, PC cards, subnotebook
computers, computer peripheral equipment, and
general electronics. These devices are designed for
applications where such space is constrained and
resettable circuit protection is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18