công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PICOSMDC035S bảng dữ liệu(PDF) 15 Page - Tyco Electronics

tên linh kiện PICOSMDC035S
Giải thích chi tiết về linh kiện  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

PICOSMDC035S bảng dữ liệu(HTML) 15 Page - Tyco Electronics

Back Button PICOSMDC035S Datasheet HTML 11Page - Tyco Electronics PICOSMDC035S Datasheet HTML 12Page - Tyco Electronics PICOSMDC035S Datasheet HTML 13Page - Tyco Electronics PICOSMDC035S Datasheet HTML 14Page - Tyco Electronics PICOSMDC035S Datasheet HTML 15Page - Tyco Electronics PICOSMDC035S Datasheet HTML 16Page - Tyco Electronics PICOSMDC035S Datasheet HTML 17Page - Tyco Electronics PICOSMDC035S Datasheet HTML 18Page - Tyco Electronics PICOSMDC035S Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
105
RoHS Compliant, ELV Compliant
HF Halogen Free
10
femtoSMDC Series
Size 1608 mm/0603 mils
femtoSMDC005F*
4,000
20,000
A
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC010F*
4,000
20,000
B
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC016F
4,000
20,000
E
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
picoSMDC Series
Size 2012 mm/0805 mils
picoSMDC010S*
4,000
20,000
C
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
Pending
picoSMDC012S*
4,000
20,000
F
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
Pending
picoSMDC020S
4,000
20,000
H
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL, CSA
picoSMDC035S
4,000
20,000
I
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL, CSA
picoSMDC075S*
3,000
15,000
M
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
Pending
picoSMDC100S*
3,000
15,000
S
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
Pending
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
3,000
15,000
P
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC016F
3,000
15,000
N
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC020F
3,000
15,000
02
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC035F
3,000
15,000
03
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC050F/13.2
3,000
15,000
M
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC075F
3,000
15,000
L
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC110F
3,000
15,000
K
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC150F
3,000
15,000
15
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC200F
3,000
15,000
T
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
4,000
20,000
05
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD010F
4,000
20,000
10
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD035F
4,000
20,000
3
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD050F
4,000
20,000
50
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD075F
4,000
20,000
75
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD110F
4,000
20,000
11
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD150F
4,000
20,000
15
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD175F
4,000
20,000
17
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD200F
3,000
15,000
20
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC010F
2,000
10,000
10
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA
miniSMDC014F
2,000
10,000
14
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC020F
2,000
10,000
2
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC030F
2,000
10,000
3
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA
miniSMDC050F
2,000
10,000
5
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC075F
2,000
10,000
7
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC075F/24
1,500
7,500
075F 24V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC100F
2,000
10,000
1
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC110F
2,000
10,000
1
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC110F/16
2,000
10,000
110F 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC110F/24
1,500
7,500
110F 24V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC125F
2,000
10,000
12
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC125F/16
2,000
10,000
125F 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F
2,000
10,000
15
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F/12
2,000
10,000
150F 12V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F/16
2,000
10,000
150 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F/24
1,000
5,000
150F 24V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC160F
2,000
10,000
16
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC200F
2,000
10,000
20
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F
2,000
10,000
260F
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F/12
1,500
7,500
260F 12V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F/13.2
1,500
7,500
260F 13V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F/16
1,500
7,500
260F 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC300F
2,000
10,000
30
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA
* Data is preliminary
Part Number
Tape & Reel
Quantity
Standard
Package
Part
Marking
Dimension
A (Nom.)
Dimension
B (Nom.)
Dimension
C (Nom.)
Agency
Recognition
Recommended Pad Layout Figures [mm(In.)]
Table S6 Packaging and Marking Information for Surface-mount Devices
coming
soon
coming
soon
NEW
coming
soon
coming
soon
NEW
NEW
coming
soon
coming
soon
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com