công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMD100F/33 bảng dữ liệu(PDF) 12 Page - Tyco Electronics

tên linh kiện SMD100F/33
Giải thích chi tiết về linh kiện  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD100F/33 bảng dữ liệu(HTML) 12 Page - Tyco Electronics

Back Button SMD100F/33 Datasheet HTML 8Page - Tyco Electronics SMD100F/33 Datasheet HTML 9Page - Tyco Electronics SMD100F/33 Datasheet HTML 10Page - Tyco Electronics SMD100F/33 Datasheet HTML 11Page - Tyco Electronics SMD100F/33 Datasheet HTML 12Page - Tyco Electronics SMD100F/33 Datasheet HTML 13Page - Tyco Electronics SMD100F/33 Datasheet HTML 14Page - Tyco Electronics SMD100F/33 Datasheet HTML 15Page - Tyco Electronics SMD100F/33 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
142
15
RoHS Compliant, ELV Compliant
Packaging and Marking Information for Surface-mount Devices
Table S6
picoSMD Series
Size 2012 mm/0805 mils
picoSMD035F
4,000
20,000
I
1.50 (0.060)
1.17(0.046)
1.00(0.040)
UL, CSA, TÜV
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
3,000
15,000
P
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC016F
3,000
15,000
N
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC020F
3,000
15,000
02
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC035F
3,000
15,000
03
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC050F/13.2
3,000
15,000
M
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC075F
3,000
15,000
L
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC110F
3,000
15,000
K
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC150F
3,000
15,000
15
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC200F*
TBD
TBD
TBD
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
Pending
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
4,000
20,000
05
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD010F
4,000
20,000
10
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD035F
4,000
20,000
3
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD050F
4,000
20,000
50
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD075F
4,000
20,000
75
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD110F
4,000
20,000
11
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD150F
4,000
20,000
15
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD175F
4,000
20,000
17
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
microSMD200F
3,000
15,000
20
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC014F
2,000
10,000
14
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC020F
2,000
10,000
2
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC050F
2,000
10,000
5
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC075F
2,000
10,000
7
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC075F/24
1,500
7,500
075F 24V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC100F
2,000
10,000
1
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC110F
2,000
10,000
1
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC110F/16
2,000
10,000
110F 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC110F/24
1,500
7,500
110F 24V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC125F
2,000
10,000
12
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC125F/16
2,000
10,000
125F 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F
2,000
10,000
15
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F/12
2,000
10,000
150F 12V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC150F/16
2,000
10,000
150 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA
miniSMDC150F/24
1,000
5,000
150F 24V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC160F
2,000
10,000
16
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC200F
2,000
10,000
20
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC200S
2,000
10,000
20
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F
2,000
10,000
260F
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F/12
1,500
7,500
260F 12V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F/13.2
1,500
7,500
260F 13V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDC260F/16
1,500
7,500
260F 16V
2.95 (0.114)
1.68 (0.066)
3.10 (0.122)
UL, CSA, TÜV
miniSMDE Series
Size 11550 mm/4420 mils
miniSMDE190F
5,000
20,000
19
4.75 (0.187)
1.45 (0.057)
9.57 (0.377)
UL, CSA, TÜV
midSMD Series
Size 5050 mm/2018 mils
SMD030F-2018
4,000
20,000
A03F
4.60 (0.18)
1.50 (0.059)
3.40 (0.134)
UL, CSA, TÜV
decaSMDC050F/60
1,000
5,000
050F 60V
4.32 (0.17)
1.40 (0.055)
3.61 (0.142)
UL, CSA, TÜV
SMD100F-2018
4,000
20,000
A10F
4.60 (0.18)
1.50 (0.059)
3.40 (0.134)
UL, CSA, TÜV
SMD150F-2018
4,000
20,000
A15F
4.60 (0.18)
1.50 (0.059)
3.40 (0.134)
UL, CSA, TÜV
SMD200F-2018
4,000
20,000
A20F
4.60 (0.18)
1.50 (0.059)
3.40 (0.134)
UL, CSA, TÜV
* Data is preliminary
Part Number
Tape & Reel
Quantity
Standard
Package
Part
Marking
Dimension
A (Nom.)
Dimension
B (Nom.)
Dimension
C (Nom.)
Agency
Recognition
Recommended Pad Layout Figures [mm(In.)]
coming
soon
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com