| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDTA124T bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTA124T bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 04 2 NXP Semiconductors Product data sheet PNP resistor-equipped transistors; R1 = 22 k Ω, R2 = open PDTA124T series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION PNP resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − −50 V IO output current (DC) − −100 mA R1 bias resistor 22 − k Ω R2 open − − − PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE NPN COMPLEMENT PHILIPS EIAJ PDTA124TE SOT416 SC-75 3R PDTC124TE PDTA124TEF SOT490 SC-89 24 PDTC124TEF PDTA124TK SOT346 SC-59 59 PDTC124TK PDTA124TM SOT883 SC-101 DJ PDTC124TM PDTA124TS SOT54 (TO-92) SC-43 TA124T PDTC124TS PDTA124TT SOT23 − *AE(1) PDTC124TT PDTA124TU SOT323 SC-70 *7B(1) PDTC124TU |