| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8566T bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8566T bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 48 page ![]() PCF8566_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 25 February 2009 13 of 48 NXP Semiconductors PCF8566 Universal LCD driver for low multiplex rates 7.4.3 1:3 Multiplex drive mode When three backplanes are provided in the LCD, the 1:3 multiplex drive mode applies as shown in Figure 8. Vstate1(t) = VSn(t) − VBP0(t). Von(RMS) = 0.638VLCD. Vstate2(t) = VSn(t) − VBP1(t). Voff(RMS) = 0.333VLCD. Fig 8. Waveforms for the 1:3 multiplex drive mode with 1 ⁄ 3 bias mgl748 state 1 BP0 (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 1 state 2 (a) Waveforms at driver. BP2 S n S n+1 S n+2 Tfr VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 VSS VLCD 2VLCD / 3 VLCD / 3 0 V VLCD 2VLCD / 3 −2VLCD / 3 VLCD / 3 −VLCD / 3 −VLCD 0 V VLCD 2VLCD / 3 −2VLCD / 3 VLCD / 3 −VLCD / 3 −VLCD VSS VLCD 2VLCD / 3 VLCD / 3 |