| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2123U/12AA bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2123U/12AA bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 55 page ![]() PCF2123_2 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 — 4 December 2009 2 of 55 NXP Semiconductors PCF2123 SPI Real time clock/calendar 4. Ordering information [1] Sawn wafer on Film Frame Carrier (FFC). [2] Sawn wafer with gold bumps on Film Frame Carrier (FFC). 5. Marking Table 1. Ordering information Type number Package Name Description Version PCF2123TS TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 PCF2123BS HVQFN16 plastic thermal enhanced very thin quad flat package; no leads; 16 terminals; body 3 × 3 × 0.85 mm SOT758-1 PCF2123U/10AA PCF2123U/10 wire bond die; 12 bonding pads; 1.492 × 1.449 × 0.20 mm[1] PCF2123U/10 PCF2123U/12AA PCF2123U/12 WLCSP12; wafer level chip size package; 12 bumps; 1.492 × 1.449 × 0.22 mm[2] PCF2123U/12 Table 2. Marking codes Type number Marking code PCF2123TS PCF2123 PCF2123BS 123 PCF2123U/10AA PC2123-1 PCF2123U/12AA PC2123-1 |