| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8531U bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531U bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 44 page ![]() PCF8531_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 13 June 2008 4 of 44 NXP Semiconductors PCF8531 34 x 128 pixel matrix driver Table 2. Pad allocation table Pad Symbol Pad Symbol 15 OSC 55 ENR 16 VLCDSENSE 56 T4 17 to 23 VLCDOUT 57 to 63 VSS2 24 to 30 VLCDIN 64 to 70 VSS1 31 RES 71 T3 32 to 34 VDD3 72 T1 35 to 42 VDD2 73 to 74 SCL 43 to 49 VDD1 78 T2 50 to 51 SDA 87 to 103 R0, R2, R4, R6, R8, R10, R12, R14, R16, R18, R20, R22, R24, R26, R28, R30, R32 52 SDACK 104 to 231 C0 to C127 54 SA0 232 to 248 R33, R31, R29, R27, R25, R23, R21, R19, R17, R15, R13, R11, R9, R7, R5, R3, R1 Fig 3. Alignment markers Table 3. Alignment markers for PCF8531 Alignment marks x ( µm) y ( µm) C1 −5402.0 823.1 C2 5292.4 950.0 F 5890.3 401.9 Circle 1 −5543.0 798.4 Circle 2 5637.4 798.4 mgs490 x center C 100 µm x center circle 100 µm 100 µm 100 µm x center F y center y center y center 80 µm |