| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2113DU/F4 bảng dữ liệu(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113DU/F4 bảng dữ liệu(HTML) 34 Page - NXP Semiconductors |
|
34 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 34 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers 10.8 Display configuration 10.8.1 Bit P The P bit is used to flip the display left to right by mirroring the column data, as shown in Figure 20. This allows the display to be viewed from behind instead of front, enhances the flexibility in the assembly of equipment and avoids complicated data manipulation within the controller. P = 0: default. P = 1: mirrors the column data. 10.8.2 Bit Q The Q bit flips the display top to bottom by mirroring the row data. Q = 0: default. Q = 1: mirrors the row data. A combination of Q and P allows the display to be rotated 180 deg, as shown in Figure 21. This is useful for viewing the display from the opposite edge. Fig 20. Use of P bit 001aah714 P = 0 P= 1 P = 1 P= 0 Fig 21. Use of P and Q bits 001aah715 P = 0 Q = 0 P = 1 Q = 1 |