| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9532 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9532 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 29 page ![]() PCA9532_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 17 March 2009 8 of 29 NXP Semiconductors PCA9532 16-bit I2C-bus LED dimmer 6.3.7 LS0 to LS3 - LED selector registers The LSn LED selector registers determine the source of the LED data. 00 = output is set high-impedance (LED off; default) 01 = output is set LOW (LED on) 10 = output blinks at PWM0 rate 11 = output blinks at PWM1 rate Table 10. LS0 to LS3 - LED selector registers bit description Legend: * default value. Register Bit Value Description LS0 - LED0 to LED3 selector LS0 7:6 00* LED3 selected 5:4 00* LED2 selected 3:2 00* LED1 selected 1:0 00* LED0 selected LS1 - LED4 to LED7 selector LS1 7:6 00* LED7 selected 5:4 00* LED6 selected 3:2 00* LED5 selected 1:0 00* LED4 selected LS2 - LED8 to LED11 selector LS2 7:6 00* LED11 selected 5:4 00* LED10 selected 3:2 00* LED9 selected 1:0 00* LED8 selected LS3 - LED12 to LED15 selector LS3 7:6 00* LED15 selected 5:4 00* LED14 selected 3:2 00* LED13 selected 1:0 00* LED12 selected |