| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9530DP bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9530DP bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 24 page ![]() PCA9530_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 26 February 2009 21 of 24 NXP Semiconductors PCA9530 2-bit I2C-bus LED dimmer For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 16. Abbreviations MSL: Moisture Sensitivity Level Fig 24. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 16. Abbreviations Acronym Description ACPI Advanced Configuration and Power Interface CDM Charged-Device Model DSP Digital Signal Processor DUT Device Under Test ESD ElectroStatic Discharge GPIO General Purpose Input/Output HBM Human Body Model I2C-bus Inter-Integrated Circuit bus I/O Input/Output LED Light Emitting Diode MCU MicroController Unit MM Machine Model MPU MicroProcessor Unit POR Power-On Reset PWM Pulse Width Modulator RC Resistor-Capacitor network RGB Red/Green/Blue SMBus System Management Bus |