| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GTCX36-151M-R05 bảng dữ liệu(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GTCX36-151M-R05 bảng dữ liệu(HTML) 5 Page - Tyco Electronics |
|
5 / 6 page ![]() GTCX35-XXX-R05 Series Gas Discharge Tubes Gas Discharge Tubes Document: SCD 27698 Status: Released © 2009 Tyco Electronics Corporation. All rights reserved. 5 Rev: A Date: JULY 23, 2009 GTCX36-XXXM-R05 Series General Characteristics Packaging Information Pad Layout – Surface-mount Devices (GTCS36-XXXM-R05) Materials Information RoHS Compliant ELV Compliant No Radioactive Material Storage Temperature: -40ºC to +90ºC Operating Temperature: -40ºC to +90ºC Body: Nickel Plated Leads: Surface-mount, Radial and Axial Devices: Tin Plated Devices with no leads: Nickel Plated Soldering Notes: Devices with no leads: non-solderable; suitable for insertion into a magazine clip Part Description Tray / Reel Standard Package No Leaded: GTCN36-XXXM-R05 100pcs (Tray) 2,500pcs With Leads: GTCA36-XXXM-R50/GTCR36-XXXM-R05 100pcs (Tray) 1,000pcs Surface-mount: GTCS36-XXXM-R05 100pcs (Tray) 2,500pcs Surface-mount (T&R): GTCS36-XXXM-R05-2 750pcs 6000pcs X Y1 Y2 Z1 Z2 NOM NOM NOM NOM NOM mm: 7.0 3.6 3.6 2.5 2.0 in*: (0.276) (0.142) (0.142) (0.098) (0.079) |