| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9516AD bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9516AD bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 19 page ![]() PCA9516A_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 23 April 2009 7 of 19 NXP Semiconductors PCA9516A 5-channel I2C-bus hub 8. Limiting values Fig 6. Bus 0 waveform 9th clock pulse VOL of master VOL of PCA9516A 002aae618 SCL SDA Fig 7. Bus 1 waveform 9th clock pulse VOL of slave VOL of PCA9516A 002aae619 SCL SDA Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages with respect to GND. Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7 V Vbus voltage range I2C-bus SCLn or SDAn −0.5 +7 V I DC current any pin - 50 mA Ptot total power dissipation - 300 mW Tstg storage temperature −55 +125 °C Tamb ambient temperature operating −40 +85 °C |