| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASMD150F bảng dữ liệu(PDF) 17 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ASMD150F bảng dữ liệu(HTML) 17 Page - Tyco Electronics |
|
17 / 22 page ![]() 165 RoHS Compliant, ELV Compliant 10 AHS (High Temperature) Surface-mount AHS080-2018 4,000 20,000 H08 4.6 (0.18) 1.5 (0.06) 3.4 (0.134) * AHS160 1,500 7,500 160 4.6 (0.18) 2.3 (0.09) 6.1 (0.240) * AHS200 1,500 7,500 H200 4.6 (0.18) 2.3 (0.09) 6.1 (0.240) * AHS300 1,500 7,500 H300 4.6 (0.18) 2.3 (0.09) 6.1 (0.240) * ASMD Surface-mount ASMD030F 2,000 10,000 030F 3.1 (0.12) 2.3 (0.09) 5.1 (0.201) * ASMD050F 2,000 10,000 050F 3.1 (0.12) 2.3 (0.09) 5.1 (0.201) * ASMD075F 2,000 10,000 075F 3.1 (0.12) 2.3 (0.09) 5.1 (0.201) * ASMD100F 2,000 10,000 100F 3.1 (0.12) 2.3 (0.09) 5.1 (0.201) * ASMD125F 2,000 10,000 125F 3.1 (0.12) 2.3 (0.09) 5.1 (0.201) * ASMD150F 1,500 7,500 150F 4.6 (0.18) 2.3 (0.09) 6.1 (0.240) * ASMD200F 1,500 7,500 200F 4.6 (0.18) 2.3 (0.09) 6.1 (0.240) * ASMD250F 1,500 7,500 250F 4.6 (0.18) 2.3 (0.09) 6.1 (0.240) * * These devices have been designed for use in automotive applications. For commercial alternatives to these product series please see the radial-leaded devices section or surface-mount devices section. Part Number Tape & Reel Quantity Standard Package Quantity Part Marking Agency Recognition Dimension A (Min.*/Nom.) Dimension B (Nom.) Dimension C (Nom.) Recommended Pad Layouts [mm(in) See Figure A21] BD Bladed Device BD280-1130-10/16 200 1600 BD280-1130-10 * BD280-1130-15/16 200 1600 BD280-1130-15 * BD280-1130-20/16 200 1600 BD280-1130-20 * BD280-1927-25/16-W 200 1600 BD280-1927-25 * BD280-1927-30/16-W 200 1600 BD280-1927-30 * * These devices have been designed for use in automotive applications. For commercial alternatives to these product series please see the radial-leaded devices section or surface-mount devices section. Part Number Bag Quantity Standard Package Quantity Part Marking Agency Recognition B B A C NEW NEW NEW NEW NEW Table A6 Packaging and Marking Information for Automotive Devices Cont’d Figure A21 Recommended Pad Layout for Automotive Devices |